Part Number Hot Search : 
RLZ30B CLL4734A SI7625DN 7SZ12 FBI2M4S1 SI7625DN CN100 OP593
Product Description
Full Text Search
 

To Download 2N3507AL Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 2N3507AL
Silicon NPN Transistor
D a ta S h e e t
Description SEMICOA offers: * Screening and processing per MIL-PRF-19500 Appendix E * JAN level (2N3507ALJ) * JANTX level (2N3507ALJX) * JANTXV level (2N3507ALJV) * JANS level (2N3507ALJS) * QCI to the applicable level * 100% die visual inspection per MIL-STD-750 method 2072 for JANTXV and JANS * Radiation testing (total dose) upon request
Applications
* General purpose switching transistor * Low power * NPN silicon transistor
Features
* * * * Please contact SEMICOA for special configurations www.SEMICOA.com or (714) 979-1900 Hermetically sealed TO-5 metal can Also available in chip configuration Chip geometry 1506 Reference document: MIL-PRF-19500/349
Benefits
* Qualification Levels: JAN, JANTX, JANTXV and JANS * Radiation testing available
TC = 25C unless otherwise specified
Absolute Maximum Ratings
Parameter Collector-Emitter Voltage Collector-Base Voltage Emitter-Base Voltage Collector Current, Continuous Power Dissipation, TA = 25OC Derate linearly above 25OC Power Dissipation, TC = 25OC Derate linearly above 25OC Thermal Resistance Operating Junction Temperature Storage Temperature Symbol VCEO VCBO VEBO IC PT PT
Rating 50 80 5 3 1 5.71 5 28.6 175 -65 to +200
Unit Volts Volts Volts A W mW/C W mW/C C/W C
RJA
TJ TSTG
Copyright(c) 2007 Rev. E
SEMICOA
333 McCormick Avenue, Costa Mesa, California 92626 714.979.1900, FAX 714.557.4541 Page 1 of 2
www.SEMICOA.com
2N3507AL
Silicon NPN Transistor
D a ta S h e e t
ELECTRICAL CHARACTERISTICS
characteristics specified at TA = 25C
Off Characteristics
Parameter Collector-Base Breakdown Voltage Collector-Emitter Breakdown Voltage Emitter-Base Breakdown Voltage Collector-Emitter Cutoff Current Collector-Emitter Cutoff Current Symbol V(BR)CBO V(BR)CEO V(BR)EBO ICEX1 ICEX2 Test Conditions IC = 100 A IC = 10 mA IE = 10 A VCE = 60 Volts, VEB = 4 Volts VCE = 60 Volts, VEB = 4 Volts, TA = 150C Min 80 50 5 1 1.5 Typ Max Units Volts Volts Volts A mA
On Characteristics
Parameter Symbol hFE1 hFE2 hFE3 hFE4 hFE5 VBEsat1 VBEsat2 VBEsat3 VCEsat1 VCEsat2 VCEsat3 Test Conditions IC = 500 mA, VCE = 1 Volts IC = 1.5 A, VCE = 2 Volts IC = 2.5 A, VCE = 3 Volts IC = 3.0 A, VCE = 5 Volts IC = 500 mA, VCE = 2 Volts TA = -55C IC = 500 mA, IB = 50 mA IC = 1.5 A, IB = 150 mA IC = 2.5 A, IB = 250 mA IC = 500 mA, IB = 50 mA IC = 1.5 A, IB = 150 mA IC = 2.5 A, IB = 250 mA
Pulse Test: Pulse Width = 300 s, Duty Cycle 2.0%
DC Current Gain
Min 35 30 25 20 17
Typ
Max 175 150
Units
Base-Emitter Saturation Voltage
Collector-Emitter Saturation Voltage
0.8
0.5 1.0 1.5 1.0 1.3 2.0
Volts
Volts
Dynamic Characteristics
Parameter Magnitude - Common Emitter, Short Circuit Forward Current Transfer Ratio Open Circuit Output Capacitance Open Circuit Input Capacitance Delay Time Rise Time Symbol |hFE| COBO CIBO td tr Test Conditions VCE = 5 Volts, IC = 100 mA, f = 20 MHz VCB = 10 Volts, IE = 0 mA, 100 kHZ < f < 1 MHz VEB = 3 Volts, IC = 0 mA, 100 kHZ < f < 1 MHz IC = 1.5 A, IB1 = 150 mA IC = 1.5 A, IB1 = 150 mA Min 3 Typ Max 15 40 300 15 30 pF pF ns ns Units
Switching Characteristics
Storage Time Fall Time ts tf IC = 1.5 A, IB1=IB2 = 150 mA IC = 1.5 A, IB1=IB2 = 150 mA 55 35 ns ns
Copyright(c) 2007 Rev. E
SEMICOA
333 McCormick Avenue, Costa Mesa, California 92626 714.979.1900, FAX 714.557.4541 Page 2 of 2
www.SEMICOA.com


▲Up To Search▲   

 
Price & Availability of 2N3507AL

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X